PART |
Description |
Maker |
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF3709 IRF3709L IRF3709S IRF370B9L IRF370B9S F370 |
Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A? Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A 功率MOSFET(减振钢板基本\u003d 30V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 90A型? Power MOSFET(Vdss=30V/ Rds(on)max=9.0mohm/ Id=90A) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A?) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFZ44VZLPBF IRFZ44VZSPBF IRFZ44VZPBF |
HEXFET㈢ Power MOSFET ( VDSS = 60V , RDS(on) = 12mヘ , ID = 57A ) HEXFET? Power MOSFET ( VDSS = 60V , RDS(on) = 12mΩ , ID = 57A ) HEXFET垄莽 Power MOSFET ( VDSS = 60V , RDS(on) = 12m楼? , ID = 57A )
|
International Rectifier
|
2SK2110 |
N-Channel MOSFET Low on-resistance RDS(on)=1.5 MAX High switching speed Drain to source voltage VDSS 100
|
TY Semicondutor TY Semiconductor Co., Ltd
|
IRF5802 IRF5802TR |
150V Single N-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package Power MOSFET(Vdss=150V, Id=0.9A) Power MOSFET(Vdss=150V/ Id=0.9A) 0.9 A, 150 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IRF[International Rectifier]
|
IRC503 IRC530 |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) Power MOSFET(Vdss=100V Rds(on)=0.16ohm Id=14A) Hexfet? Power MOSFET
|
IRF[International Rectifier]
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
IRF5210 |
-100V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-100V Rds(on)=0.06ohm Id=-40A) Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A) Power MOSFET(Vdss=-100V/ Rds(on)=0.06ohm/ Id=-40A)
|
IRF[International Rectifier]
|
IRF3703 IRF3703PBF |
30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A? Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A) Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A?) Power MOSFET(Vdss=30V/ Rds(on)max=2.8mohm/ Id=210A)
|
International Rectifier
|
IRFI734G IRFI734 |
450V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=450V Rds(on)=1.2ohm Id=3.4A) Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
|
IRF[International Rectifier]
|
IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1 |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss = 55 V/ Rds(on)=11mohm/ Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?
|
IRF[International Rectifier]
|